Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download 006AC-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  28 21.5 35.5 3c:28 31.5 36 4c:28 41.5 36 small size, light weight, heavy reverse power . optional mounting ways.firm structure, strong anti-shock & anti vibration. suitable for automatic control, telecommunication equipment, household electrical appliances and machinery electrical facilities. ordering information jqx-13f 2c a dc12v 1 l 1 2 3 4 5 6 1 part number jqx-13f 2 contact arrangement 1a:1a 2a:2a 3a:3a; 1b:1b 2b:2b 3b:3b 1c:1c 2c:2c 3c:3c 4a:4a 4b:4b 4c:4c 3 t erminal a:inserting type b:pcb type 4 coil rated voltage(v) ac:6,12,24,36,48,110,120,220,240 dc:6,12,24,36,48,110,220 5 cover 1:1mode 2:2 mode 6 coil transient suppression l:with led d:with diode; ld:with led & diode nil:standard dash numbers coil voltage v coil resistance 10% pick up voltage v(max) 80%of rated voltage release voltage v(min) 10%of rated voltage coil power w operate time ms relea se tim e ms rated max. caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. coil parameter dc jqx-13f contact data contact material agcdo agsno 2 contact arrangement contact rating 006-900 6 6.6 40 4.8 0.6 012-900 12 13.2 160 9.6 1.2 024-900 24 26.4 640/650 19.2 2.4 036-900 36 39.6 1440 28.8 3.6 048-900 48 52.8 2600 38.4 4.8 110-900 110 121 11000 88.0 11.0 220-900 220 242 53778 176 22.0 012-1400 12 13.2 107 9.6 1.2 024-1400 24 26.4 410 19.2 2.4 036-1400 36 39.6 926 28.8 3.6 048-1400 48 52.8 1700 38.4 4.8 110-1400 110 121 8500 88.0 11.0 220-1400 220 242 34571 176 22.0 012-1500 12 13.2 100 9.6 1.2 024-1500 24 26.4 350 19.2 2.4 036-1500 36 39.6 865 28.8 3.6 048-1500 48 52.8 1600 38.4 4.8 110-1500 110 121 6900 88.0 11.0 220-1500 220 242 32267 176 22.0 0.9 25 25 1.4 25 25 1.5 25 25 max. switching voltage 30vdc 300v ac 5 electrical 10 item 4.30 of iec 61810-7 7 mechanical 2 10 i tem 4 .31 of iec 61810-7 50m item 4.12 of iec 61810-7 03001003500 e169380 r50126378 features 73 dash numbers coil voltage v coil resistance 10% pick up voltage v(max) 80%of rated voltage release voltage v(min) 30%of rated voltage coil power va rated max. coil parameter ac 006AC-1200 6 6.6 11.5 183.0 4.8 1.8 012ac-1200 12 13.2 46 91.0 9.6 3.6 024ac-1200 24 26.4 184 46.0 19.2 7.2 036ac-1200 36 39.6 320 33.0 28.8 10.8 048ac-1200 48 52.8 735 24.0 38.4 14.4 110ac-1200 110 121 3900 11.0 88.0 33.0 120ac-1200 120 132 4550 9.8 96.0 36.0 220ac-1200 220 242 14400 4.2 176 66.0 240ac-1200 240 312 19000 5.5 192 72.0 012ac-2000 12 13.2 24 167 9.6 3.6 024ac-2000 24 26.4 100 83 19.2 7.2 036ac-2000 36 39.6 230 56 28.8 10.8 048ac-2000 48 52.8 410 42 38.4 14.4 2.0 110ac-2000 110 121 2300 18 88.0 33.0 220ac-2000 220 242 8600 9.1 176 66.0 240ac-2000 240 312 12100 6.2 192 72.0 012ac-2500 12 13.2 20 208 9.6 3.6 024ac-2500 24 26.4 78 104 19.2 7.2 036ac-2500 36 39.6 180 69 28.8 10.8 048ac-2500 48 52.8 350 52.1 38.4 14.4 2.5 110ac-2500 110 121 1600 22.7 88.0 33.0 220ac-2500 220 242 6700 11.4 176 66.0 240ac-2500 240 312 9120 9.8 192 72.0 1.2 caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of t he relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. 1) insulation resistance 1000m min (at 500vdc) item 7 of iec 61810-5 1) dielectric strength between contacts 50hz 1000v item 6 of iec 61810-5 between contact and coil 50hz 1500v item 6 of iec 61810-5 2 shock resistance 100m/s 11ms iec68-2-27 test ea vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 t est fc terminals strength 8n 4n(pc type) iec68-2-21 test ua2 solderability 235 2 3 0.5s iec68-2-20 test ta method 1 ambient t emperature -40~70 ; -25~70 (3c,4c) relative humidity 85% (at 30 ) iec68-2-3t est ca mass 37g(1c,2c);50g(3c);70g(4c) note: 1). when testing, coil terminals should be connected , if led is installed in relay . safety approvals safety approval ul&cur t v cqc load 10a/277vac,28vdc 10a/220v ac rated current ma operation condition 74 jqx-13f c us 2 1 1a,1b,1c:20a/277vac,28vdc hp 125vac hp120vac,240v ac 3 1 2a,2b,2c,3a,3b,3c,4a,4b,4c: 10a/277vac,12a/250v ac,28vdc 2a,2b,2c: hp120vac,240v ac 3 1 max. resistance or voltage drop operation life al 1a(1h) (spstno) 2a(2h) (dpstno) 1b (1d)(spstnc) 2b(2d) (dpstnc)1c(1z) (spdt(b-m)) 2c(2z) (dpdt(b-m)) 3a(3h)(spstno) 3b(3d)spstnc)3c(3z)(3pdt(b-m)) 3a(3h)(spstno) 3b(3d)(spstnc)4c(4z)(4pdt(b-m)) 15a, 20a/277vac,28vdc 10a/277v ac,12a250vac,28vdc 1/3 hp 120vac 240v ac 1/3 hp 120vac 240v ac 1/3hp 125vac 1/2 hp 125vac dc 0.9w 0.9w 1.4w 1.5w ac 1.2v a 1.2va 2v a 2.5va coil power motor load max. switching power 560w 5540v a resistive max. switching current:20a ningbo huaguan electronics corporation l td .
2 1 . 5 m a x . 3 5 . 5 m a x . 6 . 5 7.15 7.15 2 8 1c 6 4.6 1 0 2c 6 4. 6 1c 5- 2.5 2c (+) (+) 4c 6 4. 6 3c 7.15 6 4. 6 2 0 4c 3c 3 0 1 0 7.15 (+) (+) 3 5 . 5 m a x . 6 . 5 4 3 2 3 . 5 2 1 . 5 m a x . 2 m ode l 1 m ode l reference data 40 3530 25 25 15 75 1 4 . 2 1 0 1 4 . 2 8- 2.5 11- 2.5 14- 2.5 29 12.8 26 jqx-14fc & jqx-14fc (4124) 12 jqx-14fc 3 1a spstno 2a dpstno 1c spdt(b-m) 2c dpdt(b-m) agcdo agsno 2 1a:16a/250vac,30vdc; 1c:10a,16a,20a/250vac,30vdc; 10a/14vdc(20a application for 5mm pole-distance) 2a,2c:5a,8a/220vac, 30vdc;jqx-14fc ;2a:8a/220vac;2c:6a/220v ac 3 motor load:1hp 250vac ; 1/2hp 125v ac lamp load:tv-5 600w 5000va 110vdc 380v ac max. switching current:20a 50m item 4.12 of iec 61810-7 5 10 item 4.30 of iec 61810-7 76 10 5 10 (jqx-14fc ) item 4.31 of iec 61810-7 3 2 1.5mm=3mm (jqx-14fc ) 3 cc 12 0.53 15 10 03001003501 e174722 r50126370 cc 12 cc 12 cc 12 003-530 3 3.9 17 2.25 0.3 005-530 5 6.5 47 3.75 0.5 006-530 6 7.8 68 4.50 0.6 009-530 9 11.7 153 6.75 0.9 012-530 12 15.6 275 9.00 1.2 024-530 24 31.2 1100 18.0 2.4 76 jqx-14fc & jqx-14fc (4124)jqx-14fc 12 3 r c us dimensions 1 . 3 9 8 m a x . 1.102max. 0 . 2 5 6 0 . 8 4 6 m a x . 1 . 3 9 8 m a x . 0 . 2 5 6 0 . 0 7 9 0 . 1 3 8 1.693 1.102max. 38 1.496 0 . 8 4 6 m a x . inserting type pcb type leading end shape diagram 0.197 0.098 0 . 1 1 8 0 . 2 5 6 0.059(0.079) 0.197 0 . 0 5 9 0 . 1 9 7 0.098 0 . 3 9 4 0.181 0.236 0 . 5 5 9 0 . 3 9 4 0.281 0.098 0.281 0 . 5 5 9 0.181 0.236 0.181 0.236 0.098 0.281 0.098 0.281 0 . 3 9 4 1 . 1 8 1 0 . 7 8 7 mm /inch 1.5(2) max. 28max. release time ms coil voltage vdc coil resistance 10% pick up voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) ( 10%of rated voltage ) coil power consumption w operate time ms rated max dash numbers t i m e ( m s e c ) coil power w operate time coil temp. rise t e m p e r a t u r e r i s e ( d e g ) contact current a life expectancy o p e r a t i o n contact switching capacity contact voltage v c o n t a c t c u r r e n t a ac resistive dc resistive mechanical life dc type mechanical life ac type operate time release time features heavy load, suitable for heavy power reverse. small size, suitable for high-density mounting.up to 5000vac dielectric strength. between open contacts of jqx-14fc 3000vac dielectric strength. 3 contact gap of jqx-14fc :2 ? 1.5mm=3mm. 3 suitable for remote control tv set, copy machine, sales machine and air conditioner etc. ordering information jqx-14fc c s 10 dc12v 0.8 3.5 1 1 2 3 4 5 6 7 1 part number jqx-14fc jqx-14fc jqx-14fc 123 2 contact arrangement a:1a 2a:2a c:1c 2c:2c 3 enclosure s: sealed type z: dust cover 4 contact current 3a,5a,6a,8a,10a,16a,20a 5 coil rated voltage(v) dc:3,5,6,9,12,15,24 ac:6,12,24,48,1 10,120,220 6 coil power cunsumption nil:0.53w 0.8:0.8w 1:1va 1.2:1.2w 7 pole-distance 3.5:3.5mm 5:5.0mm contact data contact arrangement contact material operation life contact rating (resistive) contact gap max. switching power max. switching voltage contact resistance or voltage drop electrical mechanical caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. coil parameter dc notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . wiring diagram (bottom view) mounting (bottom view) dimensions coil power w 06001015773 048-530 48 62.4 4350 36.0 4.8 ningbo huaguan electronics corporation l td .


▲Up To Search▲   

 
Price & Availability of 006AC-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X